Part Number Hot Search : 
02050 ER305 PR1000 MBR10 2N1985 PR4543K UF2010 SKA06N60
Product Description
Full Text Search
 

To Download 3CN11G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  oc t 24 , 2011 www. i d t .co m ?2011 integrated device technology, inc 3cn crystalfree ? oscillator s ultra low power oscillators preliminary data sheet specification pa r ame t e r sym b o l specifications c o nd i t i on s supply voltage vdd 1.8 v 10% 2.5 v 10% 3.3 v 10% nominal t olerance frequency stability f stb 100 p pm total frequency stability * supply current idd 1.9 ma 2.0 ma 2.2 ma typical; no load conditio n; 75 mhz q ui e scen t c u rren t i stby 1 ua maximum; stby# = gnd i np u t l o w /high lev e l v il / v ih 0.3 vdd (max) / 0.7 vdd (min) at stby# pin o u t pu t l o w /high l ev e l v ol 0.1 vdd (max) / 0.9 vdd (min) i ol = - 1 ma / i oh = 1 ma r i s e/fall t im e t r /t f 1.6 ns 1 . 2 ns 1.0 ns maximum; 20% to 80% x vdd ; output load (cl) = 4 pf symmetry sym 45% / 55% worst case; output frequencies 100 mhz 40% / 60% worst case; output frequencies > 100 mhz start - up time t st 4 00 us (max) output valid time after vdd meets the specified range & stby# transition period jitter pj rms 17 ps 6 ps 5 ps output load (cl) = 4 p f ; 75 mhz cycle to cycle jitter ccj max 120 ps 50 ps 40 ps output load (cl) = 4 pf ; 75 mhz ; measured over 12 k cycles o u t put f req u enc y f out 4 4.096 5 6 6.144 7.3728 8 10 12 12.5 12.288 14.31818 15 16 18.432 19.44 20 22.5972 24 24.576 25 30 33 33.333 36 37.5 40 48 49.152 50 60 62.5 66 66.66 72 74.25 75 80 98.304 100 125 133 contact idt for additional frequencies note: above specifications are typical at room temperature (25c ) unless otherwise specified. * inclusive of initial frequency accurac y, operating temperature range, supply variation, load variation, 3 times solder reflow, shock, vibration and 5 years aging at 25c. pa c ka g e o u t l i n e a n d d i m e n si on s typical pcb land pattern f e a t u r e s ? frequency range: 4 to 133 mhz ? output type: cmos ? frequency tolerance : 100 ppm ? supply voltage: 1.8 to 3.3 v ? power consumption: 1.9 ma (1.8 v) ? standby current: < 1 ua ? sta ndard package: 5.0 x 3.2 x 0.85 mm 2.5 x 2.0 x 0.8 5 mm ? operating temperature: 0 to 70 c, - 20 to 70 c t h is p r o d uct is r a t ed ? g r ee n ? , ple a se c ontact fact o r y for en v i r o n m e n t a l co m plia n cy inf o r m ati o n 4l smd 5.0 x 3.2mm 5.00 0.1 3.20 0.1 0.85 0.05 0.0 - 0.05 0.20 ref. 0.15 2.54 bsc 1.00 0.05 pin #1 id chamfer 0.5 x 45 1.20 0.05 0.85 4l smd 5.0 x 3.2mm 5.00 0.1 3.20 0.1 4l smd 5.0 x 3.2mm 5.00 0.1 3.20 0.1 0.85 0.05 0.0 - 0.05 0.20 ref. 0.85 0.05 0.0 - 0.05 0.20 ref. 0.15 2.54 bsc 1.00 0.05 pin #1 id chamfer 0.5 x 45 1.20 0.05 0.85 0.15 2.54 bsc 1.00 0.05 pin #1 id chamfer 0.5 x 45 1.20 0.05 0.85 2.5 2.2 1.4 1.6 stby# gnd vdd out 2.5 2.2 1.4 1.6 2.5 2.2 1.4 1.6 stby# gnd vdd out side view bottom view 5.0 x 3.2 (mm) top view 4l smd 2.5 x 2.0mm 2.5 0.05 2.0 0.05 4l smd 2.5 x 2.0mm 2.5 0.05 2.0 0.05 pin #1 id chamfer 0.35 x 45 0.65 0.05 0.72 0.05 1.35 bsc 0.5 1.62 bsc pin #1 id chamfer 0.35 x 45 0.65 0.05 0.72 0.05 1.35 bsc 0.5 1.62 bsc 0.85 0.05 0.0 - 0.05 0.20 ref 0.85 0.05 0.85 0.05 0.0 - 0.05 0.20 ref top view side view bottom view 5.0 x 3.2 (mm) 2 . 5 x 2 . 0 (mm) 1.8 1.5 0.8 0.9 stby# gnd vdd out 1.8 1.5 0.8 0.9 stby# gnd vdd out
3cn datasheet crystalfree? oscillator oct 24 , 2011 www. i d t .co m ?2011 integrated device technology, inc absolute maximum ratings s tresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these ratings are stress specifications only. functional operation of product at these or under any condition beyond those listed in the operating specific ations is not implied. exposure to absolute maximum rated conditions may affect product reliability. item maximum absolute rating vdd 4.6 v stby# - 0.5 v to vdd + 0.5 v out - 0.5 v to vdd + 0.5 v storage temperature - 65c to 150c pin descriptions pin # name description 1 stby# standby mode 1 (0 = output disabled) 2 gnd ground 3 out 2 cmos output 4 vdd power 1. pulled high internally 2. weak pull down to gnd during stby# enable and startup solder reflow profile ou tput waveform ordering information sales 800 - 345 - 7015 (inside usa) +1 408 - 284 - 8200 (outside usa) fax: 408 - 284 - 2775 technical support crystalfreetechsupport @idt.com +1 408 - 360 - 5656 6024 silver creek valley road san jose, california 95138 disclaimer integrated device technology, i nc. (idt) and its subsidiaries reserve the right to modify the products and/or specifications described herein at any time an d at idt?s sole discretion. all information in this document, including descriptions of product features and performance, is subjec t to change without notice. performance specifications and the operating parameters of the described products are determined in the independent state and are not guaranteed to perform the same way when installed in customer products. the information contai ned herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of idt?s products for any particular purpose, an implied warranty of merchantability, or non - infringement of t he intellectual property rights of others. this document is presented only as a guide and does not convey any license under intellectual property rights of idt or any third parties. idt?s products are not intended for use in life support systems or simila r devices where the failure or malfunction of an idt product can be reasonably expected to significantly affect the health or safety of users. anyone using an idt product in such a manner does so at their own risk, absent an express, written agreement by i dt. integrated device technology, idt and the idt logo are registered trademarks of idt. other trademarks and service marks used herein, including protected names, logos and designs, are the property of idt or their respective third party owners. copyrig ht 2010, 2011. all rights reserved. package suffix minimum order quantity (moq) factory order increment (foi) t & r bulk t & r bulk nsg 2500 1260 (18 tubes) 2500 1260 (18 tubes) cvg 3000 12 50 (canister) 3000 12 50 (canister) e 8 c : 0 to 70 c e: - 20 to 70 c temp 3 c n 1 1 g 4.09600 22.5792 133.000 4 to 133mhz* frequency blank: tubes 8: tape and reel shipping * see frequency table or contact idt nsg: 5.0 x 3.2 x 0.85 cvg: 2.5 x 2.0 x 0.85 package n s g e 8 c : 0 to 70 c e: - 20 to 70 c temp c : 0 to 70 c e: - 20 to 70 c temp 3 c n 1 1 g 4.09600 22.5792 133.000 4 to 133mhz* frequency 4 to 133mhz* frequency blank: tubes 8: tape and reel shipping blank: tubes 8: tape and reel shipping * see frequency table or contact idt nsg: 5.0 x 3.2 x 0.85 cvg: 2.5 x 2.0 x 0.85 package nsg: 5.0 x 3.2 x 0.85 cvg: 2.5 x 2.0 x 0.85 package n s g 0.8 vdd 0.2 vdd t r t f v oh v ol 0.5 vdd t 2 t 1 sym = t 1 / t 2 0.8 vdd 0.2 vdd t r t f v oh v ol 0.5 vdd t 2 t 1 sym = t 1 / t 2 temperature ( c) 217 c 150 c 60- 150 sec 40 sec (max) 245 c (260 c max) 60- 180 sec 3 c/sec max 6 c/sec max 50 100 150 200 250 time temperature ( c) 217 c 150 c 60- 150 sec 40 sec (max) 245 c (260 c max) 60- 180 sec 3 c/sec max 6 c/sec max 50 100 150 200 250 50 100 150 200 250 time


▲Up To Search▲   

 
Price & Availability of 3CN11G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X